Part Number Hot Search : 
12S12 KRA108M VLMA3100 FT256I 4ADGG HC44AJI OM7581SC ER208
Product Description
Full Text Search
 

To Download RL1206A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metal oxide varistors RL1206A series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. metal oxide varistors - RL1206A series features 1. excellent esd clamping & small insertion loss 2. high transient current capability, fastest response time 3. capacitance is designed to ultra-low value, which can be ef?ciently suitable to high speed data line. 4. eu-rohs compliance product name r l 1 2 0 6 a 1 8 0 x brand name eia 1206 varistor voltage type a: remarks package dimensions unit:mm eia l1(mm) w(mm) h(mm) l2&l3(mm) 1206 3.200.30 1.600.20 1.50 0.500.20 circuit prote ct io n system
metal oxide varistors - RL1206A series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electriacl characteristics part number working voltage breakdown voltage peak current clamping voltage ac dc @ 1ma dc 8/20us 8/20us vrms vdc vb ip(max) vc a RL1206A180k 11 14 15~20.5 150a 30 1~10 RL1206A210k 12 16 17~24 150a 35 1~10 RL1206A240k 14 18 22~27 150a 38 1~10 RL1206A270k 17 22 24~30 150a 42 1~10 RL1206A300k 19 24 27~33 150a 47 1~10 RL1206A330k 20 26 29~36 150a 54 1~10 RL1206A370k 21 27 33~40.5 150a 60 1~10 RL1206A390k 24 30 35~42 150a 65 1~10 RL1206A470k 28 36 42~52.5 150a 77 1~10 RL1206A530k 30 42 47~58.5 150a 85 1~10 RL1206A560k 35 45 51~62 150a 90 1~10 RL1206A600k 36 47 53~66 150a 98 1~10 RL1206A680k 40 56 61~75 150a 110 1~10 RL1206A760k 45 60 68~84 150a 120 1~10 RL1206A820k 50 65 74~92 150a 135 1~10 RL1206A900k 52 68 80~100 150a 150 1~10 RL1206A101k 60 85 90~110 150a 165 2.5~10 circuit prote ct io n system
page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. metal oxide varistors - RL1206A series electrical rating no ltem test condition / description requirement 1 operation range 1. -40c ~ 85c - 2 leakage current satisfaction to the speci?cation, under 1ua applied voltage : speci?ed working voltage 3 capacitance satisfaction to the speci?cation, under 1pf frquency & osc level : 1mhz, 1.0vrms 4 solderability more than 90% of the terminal electrode shall be covered with new solder. 1. type of solder : h63a 2. soldering temp & time : 230+/-5c, 5+/-1 sec 5 refow soldering 1. no serious mechanical damage 2. more than 50% of the terminal electrode shall be covered with new solder 3. leakage currrent : 10ua 1. type of solder : h63a 2. temp & time : max 260+/-5c, min 10sec * refer to the soldering pro?le of page 6 6 humidity load test 1. no serious mechanical damage 2. leakage currrent : 10ua test temp. & relative humidity & time : 85+/- 5c, 85 +/- 5% rh, vw applied, 500 +/- 12hrs 7 thermal shock 1. no serious mechanical damage 2. leakage currrent : 10ua 1. step 1 : -40 +/- 5c, step 2 : 85 +/- 5c 2. cycle : 30min 3min, each 5 cycles 8 high temp. test 1. no serious mechanical damage 2. leakage currrent : 10ua temp. & time : 85+/-5 c , 1000 +/- 24hrs 9 adhesive strength 1. no serious mechanical damage under condition of 1005 : min 0.5kgf, 1608 : min 1.0kgf 10 esd 1. no mechanical damage after test 2. leakage current : 10ua * esd gun (iec61000-4-2 standard) * c=150pf r=330 1. contact discharge * voltage :+/-8kv(level 4) * number : 10 times in 10sec 2. air discharge * voltage :+/-15kv(level 4) * number : 10 times in 10sec w [ k gf ] min . circuit prote ct io n system
page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of RL1206A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X